Part Number Hot Search : 
C254A CY8C3866 BR6010 C74VHC1 1A71B T523D L204317 CD4069CN
Product Description
Full Text Search
 

To Download HD74ALVC1G08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74ALVC1G08 2?input and gate ade-205-606c (z) rev.3 aug. 2001 description the HD74ALVC1G08 has two?input and gate in a 5 pin package. low voltage and high speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as hitachi uni logic series. ? supplied on emboss taping for high speed automatic mounting. ? supply voltage range : 1.2 to 3.6 v operating temperature range : ?40 to +85c ? all inputs v ih (max.) = 3.6 v (@v cc = 0 v to 3.6 v) all outputs v o (max.) = 3.6 v (@v cc = 0 v) ? output current 2 ma (@vcc = 1.2 v) 4 ma (@v cc = 1.4 v to 1.6 v) 6 ma (@v cc = 1.65 v to 1.95 v) 18 ma (@v cc = 2.3 v to 2.7 v) 24 ma (@v cc = 3.0 v to 3.6 v) ? package type package type package code package suffix taping code vson-5 pin tnp-5d vs e (3,000 pcs / reel)
HD74ALVC1G08 rev.3, aug. 2001, page 2 of 10 outline and article indication ? HD74ALVC1G08 marking = control code a 2 vson-5 function table inputs ab output y lll hl l lhl hhh h : high level l : low level pin arrangement (top view) 5 4 v cc 1 2 3 in b in a gnd out y
HD74ALVC1G08 rev.3, aug. 2001, page 3 of 10 absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?0.5 to 4.6 v input voltage range * 1 v i ?0.5 to 4.6 v ?0.5 to v cc + 0.5 output : h or l output voltage range * 1, 2 v o ?0.5 to 4.6 v v cc : off input clamp current i ik ?50 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 50 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 100 ma maximum power dissipation at ta = 25c (in still air) * 3 p t 200 mw storage temperature tstg ?65 to 150 c notes: the absolute maximum ratings are values which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 4.6 v maximum. 3. the maximum package power dissipation was calculated using a junction temperature of 150c.
HD74ALVC1G08 rev.3, aug. 2001, page 4 of 10 recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.2 3.6 v input voltage range v i 03.6v output voltage range v o 0v cc v ??2 v cc = 1.2 v ??4 v cc = 1.4 v ??6 v cc = 1.65 v ? ?18 v cc = 2.3 v i oh ? ?24 v cc = 3.0 v ?2 v cc = 1.2 v ?4 v cc = 1.4 v ?6 v cc = 1.65 v ?18 v cc = 2.3 v output current i ol ?24 ma v cc = 3.0 v 020 v cc = 1.2 to 2.7 v input transition rise or fall rate ? t / ? v 010 ns / v v cc = 3.30.3 v operating free-air temperature ta ?40 85 c note: unused or floating inputs must be held high or low.
HD74ALVC1G08 rev.3, aug. 2001, page 5 of 10 electrical characteristic ? ta = ?40 to 85c item symbol v cc (v) * min typ max unit test condition 1.2 v cc 0.75 ? ? 1.4 to 1.6 v cc 0.7 ? ? 1.65 to 1.95 v cc 0.7 ? ? 2.3 to 2.7 1.7 ? ? v ih 3.0 to 3.6 2.0 ? ? 1.2 ? ? v cc 0.25 1.4 to 1.6 ? ? v cc 0.3 1.65 to 1.95 ? ? v cc 0.3 2.3 to 2.7 ? ? 0.7 input voltage v il 3.0 to 3.6 ? ? 0.8 v min to max v cc ?0.2 ? ? i oh = ?100 a 1.2 0.9 ? ? i oh = ?2 ma 1.4 1.1 ? ? i oh = ?4 ma 1.65 1.2 ? ? i oh = ?6 ma 2.3 1.7 ? ? i oh = ?18 ma v oh 3.0 2.2 ? ? i oh = ?24 ma min to max ? ? 0.2 i ol = 100 a 1.2 ? ? 0.3 i ol = 2 ma 1.4 ? ? 0.3 i ol = 4 ma 1.65 ? ? 0.3 i ol = 6 ma 2.3 ? ? 0.55 i ol = 18 ma output voltage v ol 3.0 ? ? 0.55 v i ol = 24 ma input current i in 3.6 ? ? 5 av in = 3.6 v or gnd quiescent supply current i cc 3.6 ? ? 10 av in = v cc or gnd, i o = 0 output leakage current i off 0??5 av i or v o = 0 to 3.6 v input capacitance c in 3.3 ? 2.5 ? pf v in = v cc or gnd note: for conditions shown as min or max, use the appropriate values under recommended operating conditions.
HD74ALVC1G08 rev.3, aug. 2001, page 6 of 10 switching characteristics ? v cc = 1.2 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl ?7.5?nsc l = 15 pf a or b y ? v cc = 1.5 0.1 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 2.0 ? 7.0 ns c l = 15 pf a or b y ? v cc = 1.8 0.15 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.5 ? 5.0 ns c l = 30 pf a or b y ? v cc = 2.5 0.2 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.0 ? 3.7 ns c l = 30 pf a or b y ? v cc = 3.3 0.3 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.0 ? 2.8 ns c l = 30 pf a or b y
HD74ALVC1G08 rev.3, aug. 2001, page 7 of 10 operating characteristics ta = 25c item symbol v cc (v) min typ max unit test conditions 1.5 ? 10.5 ? 1.8 ? 10.5 ? 2.5 ? 10.5 ? power dissipation capacitance c pd 3.3 ? 11.5 ? pf f = 10 mhz test circuit pulse generator out z = 50 ? c l r l input output v cc l note: c includes probe and jig capacitance. v = 1.8 0.15 v cc r 1.0 k ? 2.0 k ? 500 ? l c 30 pf 15 pf 30 pf l v = 2.5 0.2 v, 3.3 0.3 v cc v = 1.2 v, 1.5 0.1 v cc symbol
HD74ALVC1G08 rev.3, aug. 2001, page 8 of 10 input 90% 10% 10% v ih v oh v ol gnd t r v ref v ref v ref v ref t f 90% t plh t phl ? waveforms output v ref v ih v cc v cc t / t 2.0 ns 2.5 ns 2.5 ns rf 2.7 v 50% 50% 1.5 v v = 2.5 0.2 v cc v = 1.2 v, 1.5 0.1 v, 1.8 0.15 v cc v = 3.3 0.3 v cc symbol note: input waveform : prr = 10 mhz, duty cycle 50%
HD74ALVC1G08 rev.3, aug. 2001, page 9 of 10 package dimensions 0.12 0.05 5 ? 0.2 0.05 1.6 0.05 1.20 0.05 1.60 0.05 0.55 0.05 0.50 0.50 hitachi code jedec eiaj mass (reference value) tnp-5d ? ? ? as of january, 2001 unit: mm
HD74ALVC1G08 rev.3, aug. 2001, page 10 of 10 disclaimer 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office for any questions regarding this document or hitachi semiconductor products. sales offices hitachi, ltd. semiconductor & integrated circuits nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2001. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00 singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road hung-kuo building taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower world finance centre, harbour city, canton road tsim sha tsui, kowloon hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://semiconductor.hitachi.com.hk hitachi europe gmbh electronic components group dornacher stra?e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi europe ltd. electronic components group whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585200 hitachi semiconductor (america) inc. 179 east tasman drive san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 4.0


▲Up To Search▲   

 
Price & Availability of HD74ALVC1G08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X